Part Number Hot Search : 
2SK3229 UPA573T M37220M3 AD842KH LM340A 8316AKT LM239 8316AKT
Product Description
Full Text Search
 

To Download BAS170 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BAS 170W
Silicon Schottky Diode
lGeneral-purpose diodes for high-speed switching lCircuit protection lVoltage clamping lHigh-level detecting and mixing lSmall package SOD-323
ESD: Electrostastic discharge sensitive device, observe handling precautions!
Type BAS 170W
Marking 7
Ordering Code (tape and reel) Q62702-A1072
Pin Configuration Package 1 2 A C SOD-323
1)
Maximum Ratings Parameter Reverse voltage Forward current Surge forward current, t 10 ms Total Power dissipation TS 97C Operating temperature range Storage temperature range Thermal Resistance Junction-ambient
1)
Symbol
BAS 170W 70 70 100 250 -55 +150C -55...+150C
Unit V mA mA mW C C
VR IF IFSM Ptot Top Tstg
Junction-soldering point
Rth JA Rth JS
320 210
K/W K/W
_________________________________
1) Package mounted on an epoxy pcb 40mm x 40mm x 1.5mm/1cm2 Cu
Semiconductor Group
1
Edition A01, 11.07.94
BAS 170W
Electrical Characteristics
at TA = 25 C, unless otherwise specified.
Parameter
Symbol min.
Value typ. max.
Unit
DC Characteristics Breakdown voltage I(BR) = 10 A Forward voltage IF = 1 mA IF = 10 mA IF = 15 mA Reverse current VR = 50 V
V(BR)
70 375 705 880 1.5 34 2 -
V mV 300 600 750 410 750 1000 A 0.1 10 pF 2 ps 100 nH -
VF
IR
VR = 70 V
Diode capacitance VR = 0 V, f = 1 MHz Charge carrier life time IF = 25 mA Differential forward resistance IF = 10 mA, f = 10 kHz Series inductance
CT I RF LS
Semiconductor Group
2
Edition A01, 11.07.94
BAS 170W
Forward current IF = f (VF) Reverse current IR = f (VR)
Diode capacitance CT = f (VR)
Differential forward resistance RF = f (IF)
Semiconductor Group
3
Edition A01, 11.07.94
BAS 170W
Forward current IF = f (TA *TS)
* Package mounted on epoxy
Permissible load RthJS = f (tp)
mA
K/W
TS IF TA
R thJS
TS
TA
tp
Permissible Pulse load IFmax / IFDC= f (tp)
I Fmax _____ I FDC
tp
Semiconductor Group
4
Edition A01, 11.07.94


▲Up To Search▲   

 
Price & Availability of BAS170

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X